|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTION C O N T R O L L E R I N T E G R A T E D C I R C U ITS TM C4 28 Thre e Axis Ste pper Mot or Contr oller wit h Integr ated Seq uencer M A IN CH A R AC T ER IS T IC S INFO The TMC428 is a revolutionary miniaturized low cost and high performance stepper motor controller for up to three motors. It integrates all real time critical tasks in reliable, dedicated hardware: An integrated motion ramp profile generator as well as an adaptable microstep sequencer with microstep RAM table. Advanced stop- and reference switch handling allows for precise and fast referencing as well as on-the-fly position checking. Automatic motor current control gives high motor dynamics while saving energy. The interrupt output can generate precise position pulses. The TMC428 directly connects to SPITM drivers or to step-/direction drivers. A second SPITM interface allows communication with a host microcontroller. The host microcontroller just needs to do high-level control tasks, e.g. giving the command: Drive motor 2 to position 1000. The TMC428 then automatically calculates the motion ramp based on velocity and acceleration parameters. The TMC423 adds encoder functionality to the TMC428. Evaluation Boards, application notes, spreadsheets for parameter calculation, C code examples and schematics are available in order to support short design-in times. ELECTRICAL DATA INTERFACE * unique minaturized stepper motor controller realized as low power 0.35 CMOS device * up to three stepper motors * up to 64 times microstepping * full step frequencies up to 20 kHz * alteration of parameters at any time * driver status information read back for C * power down mode * ideally suited motor drivers are TMC236, TMC239, TMC246 and TMC249 * SPITM C interface * easy-to-use protocol for C * serial 4-wire driver interface (SPITM) * step-/direction output * 3.3V or 5V operation * CMOS / TTL compatible IOs PACKAGE * miniature SSOP16 package * SO24 package available * RoHS compliant REF 1,2,3 TMC428 Interrupt controller Ramp& Pulsegenerator MicrostepController (incl. sequencer) to driver CLK SPI to C SPI serial interface C interface Driver serial to driver SPI 10 m m 3,3..5V DC RAM to driver SPI OR DE R C O DE D E S C RI P T I ON TMC428-I TMC428-PI24 TMC428A-EVAL 3-axis controller SSOP16-package 3-axis controller SOP24-package Evaluation board for TMC428, TMC246 and TMC249 with stallGuardTM www.trinamic.com - for detailed information and datasheets 7 |
Price & Availability of TMC428 |